Part Number Hot Search : 
SBCT2060 4400P RC5050 RPMG0024 SCV5014L LTC35 2412E 1415921
Product Description
Full Text Search
 

To Download PI5A101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI5A101
Precision Wide-Bandwidth Analog Switch
Features
* * * * * * * * * * * Rail-To-Rail operation Pin-compatible with 3125 Bus Switch & 74 series 125 Single-Supply operation: 2V to 6V Low On-Resistance: 8 typical @ 5V Tight match between channels: 0.9 typical RON flatness: 3 typical Low power consumption: 0.5-ohm typical High Speed, TON = 8ns typical High-current channel capability: >100mA Wide bandwidth: >200 MHz Packaging (Pb-free & Green available): -14-pin SOIC (W) -16-pin QSOP (Q)
Description
Pericom Semiconducto's PI5A101 is an all-purpose analog switch designed for single-supply operation from +2V to +6V. This switch is ideal for audio, video, and data switching and routing. The PI5A101 is a quad SPST (single-pole, single-throw) NC (normally closed) function. When on, each switch conducts current equally well in either direction. When off, they block voltages up to the powersupply rails. The PI5A101 is fully specified with +5V and +3.3V supplies. With +5V the RON is 8 typical, making it ideal for replacing mechanical relays in data communications, test equipment, and instrumentation applications. Matching between channels is better than 2. RON flatness is better than 4 over the specified range. These analog switches also offer wide bandwidth (>200 MHz high speed (TON >15ns), and low charge injection (Q >10pC). The PI5A101 is available in the narrow-body 14-pin small SOIC and 16-pin QSOP packages for operation over the industrial (-40C to +85C) temperature range.
Applications
* * * * * * Instrumentation, ATE Audio Switching and Routing Telecommunications Systems Data Communications Battery-Powered Systems Replaces Mechanical Relays
Pin Configurations
SOIC IN1 COM1 NC1 IN2 OM2 NC2 GND 1 2 3 4 5 6 7 14 VCC 13 IN4 12 COM 11 NC4 10 IN3 9 COM 8 NC3 NIC 1 IN1 2 COM1 3 NC1 4 IN2 5 OM2 6 NC2 7 GND 8 Top View QSOP 16 VCC 15 IN4 14 COM 13 NC4 12 IN3 11 COM 10 NC3 9 NIC
Switches show for logic "0" input NIC = Not Internally Connected
Truth Table
Logic 0 1 Switch ON OFF
1
PS7079F 09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Electrical Specifications - Single +5V Supply (VCC = +5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter Analog Switch Analog Signal Range(3) On-Resistance On-Resistance Match Between Channels(4) On-Resistance Flatness(5) NO or NC Off Leakage Current(6) COM Off Leakage Current(6) COM On Leakage Current(6) Logic Input Input High Voltage Input Low Voltage Input Current with Voltage High Input Current with Voltage Low VIH VIL IINH IINL Guaranteed logic High Level Guaranteed logic Low Level VIN = 2.4V, all others = 0.8V VIN = 0.8V, all others = 2.4V Full -1 0.005 0.8 A 1 2 V VANALOG RON RON VCC = 4.5V, ICOM = -30mA, VNO or VNC = +2.5V VCC = 5V, ICOM = -30mA, VNO or VNC = 1V, 2.5V, 4V VCC = 5.5V, VCOM = 0V, VNO or VNC = 4.5V VCC = 5.5V, VCOM = + 4.5V, VNO or VNC = 0V VCC = 5.5V, VCOM = +4.5V VNO or VNC = +4.5V Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full -80 -80 0.07 80 -80 0.05 80 0.05 80 nA 3 0.9 0 8 VCC 10 18 2 4 4 5 V Symbol Conditions Temp.(C) Min.(1) Typ.(2)
Max.(1)
Units
RFLAT(ON) INO(OFF) or INC(OFF) ICOM(OFF)
ICOM(ON)
2
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Electrical Specifications - Single +5V Supply (VCC = +5V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V) (continued)
Parameter Dynamic Turn-On Time Turn-Off Time Charge Injection(3) Off Isolation Crosstalk(8) NC or NO Capacitance COM Off Capacitance COM On Capacitance 3-dB Bandwidth Distortion(9) Supply Power-Supple Range Positve Supply Current VCC ICC VCC = 3.6V, VIN = 0V or V+, All Channels on or off 2 Full 6 1 V A tON VCC = 5V, see figure 1 tOFF Q OIRR ICOM(OFF) C(OFF) CCOM(OFF) CCOM(ON) BW D f = 1kHz, see figure 6 RL = 10k Full CL = 1nF, VGEN = 0V, RGEN = 0V, Figure 2 RL = 50, CL = 5pF, f = 10MHz, see figure 3 RL = 50, CL = 5pF, f = 10MHz, see figure 4 f = 1kHz, see figure 5 25 25 Full 25 Full 7 -55 dB -92 8 8 14 230 0.03 MHz % pF 3.5 8 15 20 7 10 10 pC ns Symbol Conditions Temp.(C) Min.(1) Typ.(2) Max.(1) Units
3
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Absolute Maximum Ratings
Voltages Referenced to GND VCC .................................................................................-0.5V to +7V VIN, VCOM, VNC(1) ................................................ -0.5V to VCC +2V ...........................................................or 30mA, whichever occurs first Current (any terminal except COM, NO, NC)............................30mA Current: COM, NO, NC (pulsed at 1ms, 10% duty cycle) .......120mA Notes 1. Signals on NC, COM, or IN exceeding VCC or GND are clamped by internal diodes. Limit forward diode current to 30mA. 2. Caution: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Thermal Information
Continuous Power Dissipation Narrow SO & QSOP (derate 8.7mW/C above +70C) ...........650mW Storage Temperature ................................................. -65C to +150C Lead Temperature (soldering, 10s) .......................................... +300C
Electrical Specifications-Single +3.3V Supply (VCC = +3.3V 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Parameter Analog Switch Analog Signal Range(3) On-Resistance On-Resistance Match Between Channels(4) On-Resistance Flatness(3,5) Dynamic Turn-On Time Turn-Off Time Charge Injection(3) Supply Positve Supply Current ICC VCC = 3.6V, VIN = 0V or VCC, All Channels on or off Full 1 tON tOFF Q VCC = 3.3V, VNO or VNC = 1.5V, see figure 1 CL = 1nF, VGEN = 0V, RGEN = 0, Figure 2 25 Full 25 Full 25 1.6 1 7 VANALOG RON RON RFLAT(ON) VCC = 3V, ICOM = -30mA, VNO or VNC = 1.5V VCC = 3.3V, ICOM = -30mA, VNO or VNC = 0.8V, 2.5V Full 25 Full 25 Full 25 Full 2.72 0.2 0 7.2 Symbol Conditions Temp.(C) Min.(1) Typ.(2)
Max.(1) VCC 18 28 2 4 10 12
Units V
25 40 12 20 10 pC ns
A
Notes: 1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet. 2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing. 3. Guaranteed by design 4. R = R MAX - R 5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured. 6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25C. 7. Off Isolation = 20log10 VB / VA. See Figure 3. 8. Between any two switches. See Figure 4. 9. D = RFLAT(ON)/RL.
4
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Typical Operating Characteristics (TA = +25C, unless otherwise noted)
RON vs. VCOM
16
40
VCC = +2V
RON vs. VCOM and Temperature
A: TA = 90C B: TA = 25C C: TA = -49C
A B C
RON (ohm)
30
RON (ohm)
12 8 4
VCC = +5V
20
+3.3V
10
+5V
0
+7V
0
1
2
3
4
5
VCOM (V)
7
1
2
3
4
5
6
VA (V)
Leakage Currents vs. Analog Voltage
20
10nA
Leakage Current vs. Temperature
VCC = +5V
16
Leakage (pA)
r I (ON) I A(ON) o B
1nA 100pA
Leakage
VCC = +5V
N (O )o r
8 0 -8
IA(OFF) or IB(OFF)
O I B(
N)
10pA 1pA 0.1pA
IA
I A(
F OF
)o
r
F OF I B(
)
-16
0
1
2
3
4
5
0.01pA -40
NO, NC, VCOM (V)
0
40 Temperature C
80
Charge Injection vs. Analog Voltage
15
Q-Charge Injection (pC)
-100 -80
Crosstalk and Off-Isolation vs. Frequency
Crosstalk
10 VCC = 5V 5 VCC = 3.3V
(dB)
-60 -40 -20 0
Off Isolation
0
VCC = +5V
1 2 4 6 8 10 20 40 60 80100 200
-5
Frequency (MHz)
0
1
2
3 VCOM (V)
4
5
5
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch
Insertion Loss vs. Frequency
0 -1 -2
Input Switching Threshold vs. Supply Voltage
5
4
VOE (V)
300
Insertion Loss (dB)
-3 -4 -5 -6 -7 -8 -9
VCC = +5V RL = 50ohm -3dB Point
3
2
1
-10
1
3
6 10 30 60 100 Frequency (MHz)
0
3
4
5 VCC (V)
6
7
Switching Times vs. VCC
25 20
tON, tOFF, (ns)
Switching Times vs. Temperature
20
15
tON, tOFF, (ns)
tOFF
3
3.5 4 4.5 5 5.5 6 6.5 7
15
10
10 5 0
tON
5
0 -40
0
40 Temperature (C)
80
VCC (V)
Supply Current vs. Temperature
10
VCC = +5V
Supply Current vs. Input Switching Frequency
2.0 1.8 1.6 1.4
ICC (mA)
VCC = +5V
1
ICC (nA)
1.2 1.0 0.8 0.6 0.4 0.2 0.0
0.1
0.01
0.001 -40
0
40 Temperature (C)
80
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
6
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Test Circuits/Timing Diagrams
+5V
tr <20ns tf <20ns
tOFF
Switch Input
+3V*
NC
VCC
COM
RL 100-ohm
VOUT CL 15pF
Logic Input
+3V 0V
50%
IN
Logic Input
GND
Switch Output
VOUT
0V
90%
90%
tON
Logic Input Waveforms Inverted for Switches that have Opposite Logic. * 1.5V for 3.3V Supply
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT = VNO
(R
RL
L + RON
)
Figure 1. Switching Time
+5V RGEN
VGEN
IN Logic Input
COM
V+
NC
CL 1nF
VOUT
VOUT
IN
OFF
VOUT
ON ON Q = (VOUT)(CL)
OFF
GND
IN
OFF
OFF
Figure 2. Charge Injection
7
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Test Circuits/Timing Diagrams (continued)
10nF
+5V
10nF
+5V
50-ohm
COM
V+
IN
0V or 2.4V
Signal Generator 0dBm
COM1
V+
NO1
Analyzer
50-ohm
COM
NC GND
NC GND
NO2
Figure 3. Off Isolation
+5V
Figure 4. Crosstalk
10nF
10nF
+5V
COM
V+
IN
0V or 2.4V
Capacitance Meter
f = 1kHz
Capacitance Meter
f = 1kHz
COM
V+
IN
0V or 2.4V
NC GND
NC GND
Figure 5. Channel-Off Capacitance
10nF
+5V
Figure 6. Channel-On Capacitance
NC
VCC
COM
VO
RL = 50-ohm
RG = 50-ohm
GND
Figure 7. Bandwidth
8
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Packaging Mechanical: 16-Pin, QSOP (Q)
16
.008 0.20 MIN.
.150 .157
3.81 3.99
.008 .013 0.20 0.33
Guage Plane
.010 0.254
1
.189 .197 4.80 5.00
.008 0.203 REF
Detail A
.016 .035 0.41 0.89
.041 1.04 REF
0-6
.015 x 45 0.38
.053 1.35 .069 1.75
SEATING PLANE
Detail A
.007 .010
0.178 0.254
0.41 .016 1.27 .050
.228 .244 5.79 6.19
.025 BSC 0.635
.008 .012 0.203 0.305
.004 0.101 .010 0.254
X.XX DENOTES DIMENSIONS IN MILLIMETERS X.XX
Packaging Mechanical: 14-Pin, SOIC (W)
14
.149 .157
3.78 3.99
0-8
.0099 .0196
0.25 x 45 0.50
.0075 .0098
0.19 0.25
1
.336 .344 8.55 8.75
0.41 1.27
.2284 .2440 5.80 6.20
.016 .050
.0155 .026 0.393 0.660
.053 .068
1.35 1.75
SEATING PLANE
REF
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
.050 BSC 1.27
.013 .020 0.330 0.508
.0040 0.10 .0098 0.25
9
PS7079F
09/22/04
PI5A101 Precision Wide-bandwidth Analog Switch Ordering Information
Ordeing Code PI5A101Q PI5A101QE PI5A101W PI5A101WE Package Code Q Q W W 16-pin, QSOP Pb-free & Green, 16-pin, QSOP 14-pin SOIC Pb-free & Green, 14-pin SOIC Package Description
Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
10
PS7079F 09/22/04


▲Up To Search▲   

 
Price & Availability of PI5A101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X